Part Number Hot Search : 
HT82V M7S25 RCMA1 STC2200 SR5004 TSYS01 AON6538 22100
Product Description
Full Text Search
 

To Download APC3216YC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2X1.6mm SMD CHIP LED LAMP
Part Number: APC3216YC YELLOW
Features
3.2X1.6mm SMT LED, 1.1mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE: 2000PCS / REEL . MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
Package Dimensions
Notes: 1.All dimensions are in millimeters (inches). 2.Tolerance is 0.2(0.008") unless otherwise noted. 3.Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAD1001 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 1 OF 5 ERP: 1203001015
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APC3216YC YELLOW (GaAsP/GaP) WATER CLEAR 2.6 Typ. 8 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Yellow Yellow Yellow Yellow Yellow Yellow Typ. 590 588 35 20 2.1 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Yellow 75 30 140 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD1001 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 2 OF 5 ERP: 1203001015
Yellow
APC3216YC
SPEC NO: DSAD1001 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 3 OF 5 ERP: 1203001015
APC3216YC
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAD1001 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 4 OF 5 ERP: 1203001015
PACKING & LABEL SPECIFICATIONS
APC3216YC
SPEC NO: DSAD1001 APPROVED: WYNEC
REV NO: V.2 CHECKED: Allen Liu
DATE: APR/18/2007 DRAWN: D.M.LIU
PAGE: 5 OF 5 ERP: 1203001015


▲Up To Search▲   

 
Price & Availability of APC3216YC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X